PART |
Description |
Maker |
BA50JC5 BA50JC5T BA80JC5 BA80JC5T BA60JC5 BA60JC5T |
1.5A Variable/Fixed Output LDO Regulators
|
Rohm
|
BD33HA3WEFJ BD18HA3WEFJ BD30HA3WEFJ BD15HA3WEFJ BD |
300mA Variable Fixed Output LDO Regulators
|
Rohm
|
BD18GC0WEFJ BD15GC0WEFJ BD18GC0WEFJ-E2 BD25GC0WEFJ |
1A Fixed Output LDO Regulators 1A Variable Output LDO Regulators
|
ROHM
|
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
P4C1257-55LMB P4C1257-55CMB P4C1257-25CMB P4C1257L |
800mA Fixed Output CMOS LDO, -40C to 125C, 3-SOT-223, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R 150mA LDO with Shutdown & /Error output, -40C to 125C, 5-SOT-23, T/R x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R x1的SRAM x1 SRAM x1的SRAM 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-TO-220, TUBE x1的SRAM
|
Pyramid Semiconductor, Corp. Abracon, Corp.
|
FAN2558MP15X FAN2558 FAN2559 FAN2559S18X FAN2558AD |
180mA Low Voltage CMOS LDO 1 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Output Voltage CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 180mA Low Output Voltage Low Noise CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 3.6 V FIXED POSITIVE LDO REGULATOR, PDSO5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BD80C0AFPS-M |
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
|
Rohm
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
|